Part Number Hot Search : 
08400 24LC0 SBR101 MP87C STA330 S594T 80C32E 15D60
Product Description
Full Text Search
 

To Download AZ1641 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AZ1641 5/28/09 miniature power relay features ? pc terminals  spdt through 4pdt arrangement  high switching capacity  ac and dc coils  ul, cur file e43203  tv pending contacts arrangement spdt (1 form c) dpdt (2 form c) 3pdt (3 form c) 4pdt (4 form c) ratings see chart on page 2 ul, cur see chart on page 2 material silver cadmium oxide resistance < 50 milliohms initially (24 v, 1 a voltage drop method) general data life expectancy minimum operations mechanical 2 x 10 7 operations electrical 1 x 10 5 operations at rated load operate time 25 msec max. at nominal coil voltage release time 25 msec at nominal coil voltage (without suppression) dielectric strength 1500 vrms coil to contact (at sea level for 1 min.) 1000 vrms contact to contact 1000 vrms between contact sets insulation 100 megohms min. at 500 vdc, resistance 20c, 50% rh dropout dc: > 10% of nominal coil voltage ac: > 30% of nominal coil voltage ambient temperature operating -55c (-67f) to 70c (158f) storage -55c (-67f) to 105c (221f) vibration 0.062" da at 10?55 hz shock 20 g enclosure polycarbonate terminals pc max. solder temp. 250c (482f) max. solder time 5 seconds weight 37 grams coil power at pickup voltage dc: 576 mw, 6 to 48 vdc (typical) 704 mw, 110 vdc ac: .768 va max. continuous dc: 1.2 w (110 v : 1.5 w) at 20c (68f) dissipation ac: 1.7 va at 20c (68f) temperature 105c (221f) notes 1. all values at 20c (68f). 2. relay may pull in with less than ?must operate? value. 3. specifications subject to change without notice.
AZ1641 5/28/09 ul/cur spdt heavy duty: ratings 20 a, 277 vac, general use 20 a, 28 vdc, general use dpdt heavy duty: 10 a, 277 vac, general use 10 a, 28 vdc, general use 1 / 2 hp, (9.8a) 125 vac, motor load dpdt, 3pdt, standard duty: 10 a, 220 vac, general use 10 a, 28 vdc, general use 4pdt, standard duty: 5a, 220 vac, general use 5a, 28 vdc, general use contact ratings maximum spdt heavy duty, resistive load: ratings max. switched power: 560 w, 5540 va max. switched current: 20 a max. switched voltage: 28 vdc, 277 vac dpdt heavy duty, resistive load: max. switched power: 560 w, 5540 va max. switched current: 10 a max. switched voltage: 28 vdc, 277 vac dpdt, 3pdt standard duty, resistive load: max. switched power: 280 w, 2500 va max. switched current: 10 a max. switched voltage: 28 vdc, 220 vac 4pdt, standard duty, resistive load: max. switched power: 280 w, 2500 va max. switched current: 5 a max. switched voltage: 28 vdc, 220 vac mechanical data [?2.5 typ] ?.098 typ [?1.3 typ] ?.051 typ [?1.3 typ] ?.051 typ [21.5] .846 .157 [1.5] .059 .138 [4.0] [2.5] .098 [1.0] .039 .846 [21.5] .138 [28.0] 1.102 [3.5] [0.5] .020 .197 [5.0] .226 .699 [4.0] .156 [10.6] .417 [4.6] .181 [0.5] .020 .157 [4.0] [3.5] [10.0] .394 .163 [4.1] [14.2] .559 [17.75] [5.7] [35.0] 1.378 [4.1] .161 [10.4] .409 [16.8] .661 ?.051 typ [?1.3 typ] [4.3] .169 [35.0] 1.378 [13.2] .520 [4.4] .173 .163 [4.1] [13.2] [4.1] [4.1] [16.8] [16.8] .661 [10.4] .409 [4.1] .161 [4.3] .169 1.102 [28.0] .161 .520 [10.4] .409 [4.3] [13.2] .169 .520 .661 .260 [6.6] .163 + - + - + - + - az164-_ct 8 2ct 5 6 1 2 4 3 7 1ct 6 2 4 8 5 12 9 1 3 8 4 1 5 9 3 5 6 13 14 7 2c 14 with led viewed towards terminal 5 6 1 2 3 4 12 8 4 8 2ct 14 2c 7 8 9 3 6 2 5 14 3c 1 4 13 79 1ct & 2ct 13 7 9 10 11 12 1 4 3 7 8 2 1 56 4 + - 14 13 4c 5 6 1 2 4 3 7 8 1ct viewed towards terminal az164-_c 9 10 11 12 3 7 8 2 1 56 4 13 14 4c pc board layouts wiring diagram 8 2 3c 4c 1 5 13 2c 3c AZ1641-_c AZ1641-_1c
AZ1641 5/28/09 heavy duty relays: ac coil (50/60 hz) coil specifications nominal coil must operate max. continuous nominal current coil resistance order number* vac vac vac ma 10% 6 4.8 7.1 200.0 11.5 10% AZ1641?1ct?6a 12 9.6 14.3 100.0 46.0 10% AZ1641?1ct?12a 24 19.2 28.6 50.0 184 10% AZ1641?1ct?24a 48 38.4 57.1 25.0 735 10% AZ1641?1ct?48a 120 96.0 143.0 10.0 4,550 10% AZ1641?1ct?120a 220 176.0 261.0 5.5 14,400 15% AZ1641?1ct?220a 240 192.0 288.0 5.0 22,000 15% AZ1641?1ct?240a * for dpdt substitute ?-2ct? for ?-1ct?. for led add ?1? to the end of p/n. standard relays: ac coil (50/60 hz) coil specifications nominal coil must operate max. continuous nominal current coil resistance order number* vac vac vac ma 10% 6 4.8 7.1 200.0 11.5 10% AZ1641?2c?6a 12 9.6 14.3 100.0 46.0 10% AZ1641?2c?12a 24 19.2 28.6 50.0 184 10% AZ1641?2c?24a 48 38.4 57.1 25.0 735 10% AZ1641?2c?48a 120 96.0 143.0 10.0 4,550 10% AZ1641?2c?120a 220 176.0 261.0 5.5 14,400 15% AZ1641?2c?220a * for 3pdt or 4pdt substitute ?-3c? or ?-4c? for ?-2c?. for led add ?1? to the end of p/n. relay ordering data standard relays: dc coil coil specifications nominal coil must operate max. continuous nominal current coil resistance order number* vdc vdc vdc ma 10% 6 4.8 6.6 150.0 40.0 10% AZ1641?2c?6d 12 9.6 13.2 75.0 160 10% AZ1641?2c?12d 24 19.2 26.4 36.9 650 10% AZ1641?2c?24d 48 38.4 52.8 18.5 2600 15% AZ1641?2c?48d 110 88.0 121.0 10.0 11,000 15% AZ1641?2c?110d relay ordering data heavy duty relays: dc coil coil specifications nominal coil must operate max. continuous nominal current coil resistance order number* vdc vdc vdc ma 10% 6 4.8 6.6 150.0 40.0 10% AZ1641?1ct?6d 12 9.6 13.2 75.0 160 10% AZ1641?1ct?12d 24 19.2 26.4 36.9 650 10% AZ1641?1ct?24d 48 38.4 52.8 18.5 2600 15% AZ1641?1ct?48d 110 88.0 121.0 10.0 11,000 15% AZ1641?1ct?110d


▲Up To Search▲   

 
Price & Availability of AZ1641

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X